PART |
Description |
Maker |
R1280D002A-TR R1280D002B R1280D002B-TR R1280D002C |
2CH PWM DC/DC Controller 0.05 A DUAL SWITCHING CONTROLLER, 805 kHz SWITCHING FREQ-MAX, PDSO10 2CH PWM DC/DC Controller 2声道的PWM DC / DC控制
|
Ricoh Co., Ltd. RICOH electronics devic...
|
ISL6525 ISL6525CB |
PWM Controller, VOUT 1.20V Min @ % Reg, 5V or 12V Supply, 200kHz Free-Running Osc Programmable 50kHz to 1 MHz Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
IRU3038CF IRU3038CS IRU3038 IRU3038CSTR IRU3038CFT |
14 Pin Synchronous PWM Controller in a 14 pin TSSOP package SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS 14 Pin Synchronous PWM Controller in a 14-Pin SOIC (NB) package
|
IRF[International Rectifier]
|
IDT72413L45SO IDT72413L45SOB IDT72413L25D IDT72413 |
Current-Mode PWM Controller 14-SOIC 0 to 70 CMOS并行64 × 5位标志位的FIFO High-Performance Current-Mode PWM Controller 8-PDIP 0 to 70 CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
ISL6530 ISL6530EVAL1 ISL6531EVAL1 |
PWM Controller, Dual, VDDQ =2.5V, VREF =VDDQ/2 @ 1% Reg, with S3 Sleep Mode, VIN =5V Dual 5V synchronous buck pulse-width modulator PWM controller for DDRAM memory V(ddq) and T(tt) termination
|
Intersil
|
45AZ ISL6545CBZ ISL6545IBZ |
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller V2V同步降压脉宽调制(PWM)控制器 5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
TC642 TC642DEMO TC642EV TC642COA TC642VOA TC642VUA |
The TC642 is a switch mode fan speed controller for use with brushless DC motors. Temperature proportional speed control is accomplished using pulse width modulation. A thermistor (or other voltage output temperature sensor) connected to t PWM Fan Speed Controller with FanSense Technology PWM Fan Speed Controller with FanSense⑩ Technology
|
MICROCHIP[Microchip Technology]
|
HIP6004 HIP6004CB FN4275 HIP6004A |
PWM Controller, Microprocessor DC-DC Converter, Buck/Sync-Rectifier, TTL 5-Bit VID DAC, % Reg, Output 1.8-3.5VDC Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor From old datasheet system
|
INTERSIL[Intersil Corporation]
|
UC3550 UC3550G-XX-AF5-R UC3550L-XX-AF5-R UC355011 |
PWM CONTROLLED PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
|
Unisonic Technologies
|
SG6848DZ SG6848TZ |
Low cost green-mode PWM controller for flyback converters. PWM frequency 70 kHz.
|
System General (SG)
|